| データシートサーチシステム |
|
H8SX1663 データシート(PDF) 1031 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX1663 データシート(HTML) 1031 Page - Renesas Technology Corp |
|
1031 / 1158 page ![]() Section 23 Power-Down Modes Rev.1.00 Jun. 07, 2006 Page 979 of 1102 REJ09B0294-0100 23.2.3 Module Stop Control Register C (MSTPCRC) When bits MSTPC4 to MSTPC0 are set to 1, the corresponding on-chip RAM stops. Do not set the corresponding MSTPC4 to MSTPC0 bits to 1 while accessing the on-chip RAM. Do not access the on-chip RAM while bits MSTPC4 to MSTPC0 are set to 1. Bit Bit Name Initial Value R/W 15 MSTPC15 1 R/W 14 MSTPC14 1 R/W 13 MSTPC13 1 R/W 12 MSTPC12 1 R/W 11 MSTPC11 1 R/W 10 MSTPC10 1 R/W 9 MSTPC9 1 R/W 8 MSTPC8 1 R/W Bit Bit Name Initial Value R/W 7 MSTPC7 0 R/W 6 MSTPC6 0 R/W 5 MSTPC5 0 R/W 4 MSTPC4 0 R/W 3 MSTPC3 0 R/W 2 MSTPC2 0 R/W 1 MSTPC1 0 R/W 0 MSTPC0 0 R/W Bit Bit Name Initial Value R/W Module 15 MSTPC15 1 R/W Serial communication interface_5 (SCI_5), (IrDA) 14 MSTPC14 1 R/W Serial communication interface_6 (SCI_6) 13 MSTPC13 1 R/W 8-bit timer (TMR_4, TMR_5) 12 MSTPC12 1 R/W 8-bit timer (TMR_6, TMR_7) 11 MSTPC11 1 R/W Universal serial bus interface (USB) 10 MSTPC10 1 R/W Cyclic redundancy check 9 8 MSTPC9 MSTPC8 1 1 R/W R/W Reserved These bits are always read as 1. The write value should always be 1. 7 6 5 MSTPC7 MSTPC6 MSTPC5 0 0 0 R/W R/W R/W Reserved These bits are always read as 0. The write value should always be 0. 4 MSTPC4 0 R/W On-chip RAM_4 (H'FF2000 to H'FF3FFF) 3 MSTPC3 0 R/W On-chip RAM_3 (H'FF4000 to H'FF5FFF) 2 MSTPC2 0 R/W On-chip RAM_2 (H'FF6000 to H'FF7FFF) 1 MSTPC1 0 R/W On-chip RAM_1 (H'FF8000 to H'FF9FFF) 0 MSTPC0 0 R/W On-chip RAM_0 (H'FFA000 to H'FFBFFF) |