| データシートサーチシステム |
|
H8SX1663 データシート(PDF) 126 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX1663 データシート(HTML) 126 Page - Renesas Technology Corp |
|
126 / 1158 page ![]() Section 3 MCU Operating Modes Rev.1.00 Jun. 07, 2006 Page 74 of 1102 REJ09B0294-0100 External address space External address space External address space On-chip RAM/ external address space*2 Mode 6 On-chip ROM enabled extended mode (Advanced mode) External address space Access prohibited area On-chip ROM On-chip I/O registers On-chip I/O registers H'000000 H'060000 H'FF2000 H'FFC000 H'FD9000 H'FDC000 H'FFEA00 H'FFFF00 H'FFFF20 H'FFFFFF H'080000 Mode 5 On-chip ROM disabled extended mode (Advanced mode) External address space External address space External address space External address space Access prohibited area On-chip RAM/ external address space*2 On-chip I/O registers On-chip I/O registers H'000000 H'FF2000 H'FFC000 H'FD9000 H'FDC000 H'FFEA00 H'FFFF00 H'FFFF20 H'FFFFFF Access prohibited area Access prohibited area H'080000 Access prohibited area Mode 7 Single-chip mode (Advanced mode) External address space/ reserved area*1, *3 External address space/ reserved area*1, *3 External address space/ reserved area*1, *3 External address space/ reserved area*1, *3 On-chip ROM On-chip RAM/ external address space*2 On-chip I/O registers On-chip I/O registers H'000000 H'060000 H'FF2000 H'FFC000 H'FD9000 H'FDC000 H'FFEA00 H'FFFF00 H'FFFF20 H'FFFFFF Access prohibited area H'FF0000 Access prohibited area H'FF0000 Access prohibited area H'FF0000 This area is specified as the external address space when EXPE = 1 and the reserved area when EXPE = 0. This area is specified as the external address space by clearing the RAME bit in SYSCR to 0. Do not access the reserved areas. 1. 2. 3. Notes: Figure 3.1 Address Map in Each Operating Mode of H8SX/1663 (2) |