| データシートサーチシステム |
|
H8SX1663 データシート(PDF) 134 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX1663 データシート(HTML) 134 Page - Renesas Technology Corp |
|
134 / 1158 page ![]() Section 4 Exception Handling Rev.1.00 Jun. 07, 2006 Page 82 of 1102 REJ09B0294-0100 RES RD HWR, LWR D15 to D0 High * * * B φ Address bus Vector fetch Internal operation First instruction prefetch (1) (2) (4) (6) (3) (5) (1)(3) Reset exception handling vector address (when reset, (1) = H'000000, (3) = H'000002) (2)(4) Start address (contents of reset exception handling vector address) (5) Start address ((5) = (2)(4)) (6) First instruction in the exception handling routine Note: * Seven program wait cycles are inserted. Figure 4.2 Reset Sequence (16-Bit External Access in On-chip ROM Disabled Advanced Mode) |