| データシートサーチシステム |
|
H8SX1663 データシート(PDF) 190 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX1663 データシート(HTML) 190 Page - Renesas Technology Corp |
|
190 / 1158 page ![]() Section 6 Bus Controller (BSC) Rev.1.00 Jun. 07, 2006 Page 138 of 1102 REJ09B0294-0100 • WTCRA Bit Bit Name Initial Value R/W Description 15 0 R Reserved This is a read-only bit and cannot be modified. 14 13 12 W72 W71 W70 1 1 1 R/W R/W R/W Area 7 Wait Control 2 to 0 These bits select the number of program wait cycles when accessing area 7 while bit AST7 in ASTCR is 1. 000: Program wait cycle not inserted 001: 1 program wait cycle inserted 010: 2 program wait cycles inserted 011: 3 program wait cycles inserted 100: 4 program wait cycles inserted 101: 5 program wait cycles inserted 110: 6 program wait cycles inserted 111: 7 program wait cycles inserted 11 0 R Reserved This is a read-only bit and cannot be modified. 10 9 8 W62 W61 W60 1 1 1 R/W R/W R/W Area 6 Wait Control 2 to 0 These bits select the number of program wait cycles when accessing area 6 while bit AST6 in ASTCR is 1. 000: Program wait cycle not inserted 001: 1 program wait cycle inserted 010: 2 program wait cycles inserted 011: 3 program wait cycles inserted 100: 4 program wait cycles inserted 101: 5 program wait cycles inserted 110: 6 program wait cycles inserted 111: 7 program wait cycles inserted 7 0 R Reserved This is a read-only bit and cannot be modified. |