| データシートサーチシステム |
|
H8SX1663 データシート(PDF) 195 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX1663 データシート(HTML) 195 Page - Renesas Technology Corp |
|
195 / 1158 page ![]() Section 6 Bus Controller (BSC) Rev.1.00 Jun. 07, 2006 Page 143 of 1102 REJ09B0294-0100 Bus cycle T1 T2 RD B φ Data RD Data RDNn = 0 RDNn = 1 T3 (n = 7 to 0) Figure 6.2 Read Strobe Negation Timing (Example of 3-State Access Space) 6.2.5 CS Assertion Period Control Registers (CSACR) CSACR selects whether or not the assertion periods of the chip select signals ( CSn) and address signals for the basic bus, byte-control SRAM, burst ROM, and address/data multiplexed I/O interface are to be extended. Extending the assertion period of the CSn and address signals allows the setup time and hold time of read strobe ( RD) and write strobe (LHWR/LLWR) to be assured and to make the write data setup time and hold time for the write strobe become flexible. Bit Bit Name Initial Value R/W 15 CSXH7 0 R/W 14 CSXH6 0 R/W 13 CSXH5 0 R/W 12 CSXH4 0 R/W 11 CSXH3 0 R/W 10 CSXH2 0 R/W 9 CSXH1 0 R/W 8 CSXH0 0 R/W Bit Bit Name Initial Value R/W 7 CSXT7 0 R/W 6 CSXT6 0 R/W 5 CSXT5 0 R/W 4 CSXT4 0 R/W 3 CSXT3 0 R/W 2 CSXT2 0 R/W 1 CSXT1 0 R/W 0 CSXT0 0 R/W |