| データシートサーチシステム |
|
H8SX1663 データシート(PDF) 203 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX1663 データシート(HTML) 203 Page - Renesas Technology Corp |
|
203 / 1158 page ![]() Section 6 Bus Controller (BSC) Rev.1.00 Jun. 07, 2006 Page 151 of 1102 REJ09B0294-0100 6.2.9 Endian Control Register (ENDIANCR) ENDIANCR selects the endian format for each area of the external address space. Though the data format of this LSI is big endian, data can be transferred in the little endian format during external address space access. Note that the data format for the areas used as a program area or a stack area should be big endian. Bit Bit Name Initial Value R/W 7 LE7 0 R/W 6 LE6 0 R/W 5 LE5 0 R/W 4 LE4 0 R/W 3 LE3 0 R/W 2 LE2 0 R/W 1 0 R 0 0 R Bit Bit Name Initial Value R/W Description 7 6 5 4 3 2 LE7 LE6 LE5 LE4 LE3 LE2 0 0 0 0 0 0 R/W R/W R/W R/W R/W R/W Little Endian Select Selects the endian for the corresponding area. 0: Data format of area n is specified as big endian 1: Data format of area n is specified as little endian (n = 7 to 2) 1, 0 All 0 R Reserved These are read-only bits and cannot be modified. |