| データシートサーチシステム |
|
H8SX1663 データシート(PDF) 219 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX1663 データシート(HTML) 219 Page - Renesas Technology Corp |
|
219 / 1158 page ![]() Section 6 Bus Controller (BSC) Rev.1.00 Jun. 07, 2006 Page 167 of 1102 REJ09B0294-0100 6.2.17 Refresh Timer Counter (RTCNT) RTCNT counts up on the internal clock selected by bits RTCS2 to RTCK0 in REFCR. When the RTCNT value matches the RTCOR value (compare match), the CMF flag in REFCR is set to 1 and RTCNT is initialized to H'00. At this time, when the RFSHE bit in REFCR is set to 1, a refresh cycle is generated. When the RFSHE bit is cleared to 0 and the CMIE bit in REFCR is set to 1, a compare match interrupt (CMI) is generated. Bit Bit Name Initial Value R/W 7 0 R/W 6 0 R/W 5 0 R/W 4 0 R/W 3 0 R/W 2 0 R/W 1 0 R/W 0 0 R/W 6.2.18 Refresh Time Constant Register (RTCOR) RTCOR specifies intervals at which a compare match for RTCOR and RTCNT is generated. The RTCOR value is always compared with the RTCNT value. When they match, the CMF flag in REFCR is set to 1 and RTCNT is initialized to H'00. Bit Bit Name Initial Value R/W 7 1 R/W 6 1 R/W 5 1 R/W 4 1 R/W 3 1 R/W 2 1 R/W 1 1 R/W 0 1 R/W |