| データシートサーチシステム |
|
H8SX1663 データシート(PDF) 330 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX1663 データシート(HTML) 330 Page - Renesas Technology Corp |
|
330 / 1158 page ![]() Section 6 Bus Controller (BSC) Rev.1.00 Jun. 07, 2006 Page 278 of 1102 REJ09B0294-0100 When the time between the REF command and the subsequent ACTV command does not meet a given specification, a wait cycle can be inserted for one to seven cycles during a refresh cycle by bits RLW2 to RLW0 in REFCR. Set the bit according to the SDRAM to be used and the frequency of this LSI so that the number of wait cycles can be optimal. Figure 6.78 shows a timing example when the one wait cycle is inserted. TR p TR r TR cw TR c1 TR c2 Address bus SD φ CS Precharge-sel RAS CAS WE CKE PALL REF NOP BS RD/ WR High High High Figure 6.78 Auto-Refresh Timing (TPC1 = 0, TPC0 = 0, RLW2 = 0, RLW1 = 0, RLW0 = 1) |