| データシートサーチシステム |
|
ISO35DWG4 データシート(PDF) 13 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ISO35DWG4 データシート(HTML) 13 Page - Renesas Technology Corp |
|
13 / 20 page ![]() TYPICAL CHARACTERISTICS CURVES 0 -20 -40 -60 -80 -100 -120 0 1 2 3 4 V -OutputVoltage-V O NoLoad T =25 C A o 0 20 40 60 80 100 120 140 0 1 2 3 4 V -OutputVoltage-V O 5 NoLoad T =25 C A o -60 -40 -20 20 40 0 60 -7 -4 -1 2 5 8 11 14 V =3.3V CC T =25°C =0V DE=0 A V RE V -BusInputVoltage-V I 0 5 10 15 20 25 0 200 400 600 1000 SignalingRate-kbps 800 NoLoad T =25 C A o ICC2 ICC1 ISO15 ISO35 www.ti.com................................................................................................................................................................ SLOS580B – MAY 2008 – REVISED JULY 2008 LOW-LEVEL OUTPUT CURRENT HIGH-LEVEL OUTPUT CURRENT vs vs LOW-LEVEL OUTPUT VOLTAGE HIGH-LEVEL OUTPUT VOLTAGE Figure 15. Figure 16. RMS SUPPLY CURRENT BUS INPUT CURRENT vs vs SIGNALING RATE INPUT VOLTAGE Figure 17. Figure 18. Copyright © 2008, Texas Instruments Incorporated Submit Documentation Feedback 13 Product Folder Link(s): ISO15 ISO35 |