| データシートサーチシステム |
|
H8/3024 データシート(PDF) 77 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3024 データシート(HTML) 77 Page - Renesas Technology Corp |
|
77 / 841 page ![]() Section 2 CPU Rev. 2.00 Sep 20, 2005 page 39 of 800 REJ09B0260-0200 Table 2.9 System Control Instructions Instruction Size* Function TRAPA — Starts trap-instruction exception handling RTE — Returns from an exception-handling routine SLEEP — Causes a transition to the power-down state LDC B/W (EAs) → CCR Moves the source operand contents to the condition code register. The condition code register size is one byte, but in transfer from memory, data is read by word access. STC B/W CCR → (EAd) Transfers the CCR contents to a destination location. The condition code register size is one byte, but in transfer to memory, data is written by word access. ANDC B CCR ∧ #IMM → CCR Logically ANDs the condition code register with immediate data. ORC B CCR ∨ #IMM → CCR Logically ORs the condition code register with immediate data. XORC B CCR ⊕ #IMM → CCR Logically exclusive-ORs the condition code register with immediate data. NOP — PC + 2 → PC Only increments the program counter. Note: * Size refers to the operand size. B: Byte W: Word |