| データシートサーチシステム |
|
M32C/86T データシート(PDF) 478 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M32C/86T データシート(HTML) 478 Page - Renesas Technology Corp |
|
478 / 505 page ![]() Page 455 9 7 4 f o 5 0 0 2 , 8 0 . p e S 0 0 . 1 . v e R 0 0 1 0 - 4 0 2 0 B 9 0 J E R ) T 6 8 / C 2 3 M , 6 8 / C 2 3 M ( p u o r G 6 8 / C 2 3 M 27.4 SFR 27.4.1 Register Settings Table 27.2 lists registers containing bits which can only be written to. Set these registers with immediate values. When establishing the next value by altering the present value, write the present value to the RAM as well as to the register. Transfer the next value to the register after making changes in the RAM. Table 27.2 Registers with Write-only Bits 27. Precautions (SFR) r e t s i g e Rs s e r d d Ar e t s i g e Rs s e r d d A r e t s i g e R S T D WE 0 0 0 6 1 r e t s i g e R G R B 3 U9 2 3 0 6 1 r e t s i g e R I R 0 GC E 0 0 6 1 r e t s i g e R B T 3 UB 2 3 0 6 1 A 2 3 0 , 6 1 r e t s i g e R I R 1 GC 2 1 0 6 1 r e t s i g e R G R B 2 U9 3 3 0 6 1 r e t s i g e R G R B 1 U9 E 2 0 6 1 r e t s i g e R B T 2 UB 3 3 0 6 1 A 3 3 0 , 6 1 r e t s i g e R B T 1 UB E 2 0 6 1 A E 2 0 , 6 1 r e t s i g e R F D U4 4 3 0 6 1 r e t s i g e R G R B 4 U9 F 2 0 6 1 r e t s i g e R 0 A T ) 1 ( 7 4 3 0 6 1 6 4 3 0 , 6 1 r e t s i g e R B T 4 UB F 2 0 6 1 A F 2 0 , 6 1 r e t s i g e R 1 A T ) 1 ( 9 4 3 0 6 1 8 4 3 0 , 6 1 r e t s i g e R 1 1 A T3 0 3 0 6 1 2 0 3 0 , 6 1 r e t s i g e R 2 A T ) 1 ( B 4 3 0 6 1 A 4 3 0 , 6 1 r e t s i g e R 1 2 A T5 0 3 0 6 1 4 0 3 0 , 6 1 r e t s i g e R 3 A T ) 1 ( D 4 3 0 6 1 C 4 3 0 , 6 1 r e t s i g e R 1 4 A T7 0 3 0 6 1 6 0 3 0 , 6 1 r e t s i g e R 4 A T ) 1 ( F 4 3 0 6 1 E 4 3 0 , 6 1 r e t s i g e R T T DC 0 3 0 6 1 r e t s i g e R G R B 0 U9 6 3 0 6 1 r e t s i g e R 2 B T C ID 0 3 0 6 1 r e t s i g e R B T 0 UB 6 3 0 6 1 A 6 3 , 6 1 NOTES : 1. In one-shot timer mode and pulse width modulation mode only. |