| データシートサーチシステム |
|
M32C/86T データシート(PDF) 57 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M32C/86T データシート(HTML) 57 Page - Renesas Technology Corp |
|
57 / 505 page ![]() Page 34 4. Special Function Registers (SFR) 9 7 4 f o 5 0 0 2 , 8 0 . p e S 0 0 . 1 . v e R 0 0 1 0 - 4 0 2 0 B 9 0 J E R ) T 6 8 / C 2 3 M , 6 8 / C 2 3 M ( p u o r G 6 8 / C 2 3 M Address Register Symbol Value after RESET 037016 037116 037216 037316 037416 037516 037616 037716 037816 DMA0 Request Source Select Register DM0SL 0X00 00002 037916 DMA1 Request Source Select Register DM1SL 0X00 00002 037A16 DMA2 Request Source Select Register DM2SL 0X00 00002 037B16 DMA3 Request Source Select Register DM3SL 0X00 00002 037C16 XX16 CRC Data Register CRCD 037D16 XX16 037E16 CRC Input Register CRCIN XX16 037F16 038016 XXXX XXXX2 A/D0 Register 0 AD00 038116 0000 00002 038216 XX16 A/D0 Register 1 AD01 038316 XX16 038416 XX16 A/D0 Register 2 AD02 038516 XX16 038616 XX16 A/D0 Register 3 AD03 038716 XX16 038816 XX16 A/D0 Register 4 AD04 038916 XX16 038A16 XX16 A/D0 Register 5 AD05 038B16 XX16 038C16 XX16 A/D0 Register 6 AD06 038D16 XX16 038E16 XX16 A/D0 Register 7 AD07 038F16 XX16 039016 039116 039216 A/D0 Control Register 4 AD0CON4 XXXX 00XX2 039316 039416 A/D0 Control Register 2 AD0CON2 XX0X X0002 039516 A/D0 Control Register 3 AD0CON3 XXXX X0002 039616 A/D0 Control Register 0 AD0CON0 0016 039716 A/D0 Control Register 1 AD0CON1 0016 039816 D/A Register 0 DA0 XX16 039916 039A16 D/A Register 1 DA1 XX16 039B16 039C16 D/A Control Register DACON XXXX XX002 039D16 039E16 039F16 X: Indeterminate Blank spaces are reserved. No access is allowed. |