| データシートサーチシステム |
|
M32C/86T データシート(PDF) 244 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M32C/86T データシート(HTML) 244 Page - Renesas Technology Corp |
|
244 / 505 page ![]() Page 221 9 7 4 f o 5 0 0 2 , 8 0 . p e S 0 0 . 1 . v e R 0 0 1 0 - 4 0 2 0 B 9 0 J E R 17. Serial I/O (Special Function) ) T 6 8 / C 2 3 M , 6 8 / C 2 3 M ( p u o r G 6 8 / C 2 3 M High- impedance Signal Applied to the SS Pin Clock Input (CKPOL=0, CKPH=0) Clock Input (CKPOL=1, CKPH=0) Data Output Timing(1) Data Input Timing "H" "L" "H" "L" "H" "L" "H" "L" High- impedance D0 D1 D2 D3 D4 D6 D7 D5 Indeterminate NOTES: 1. P70 and P71 is ports for the N-channel open drain output and must be pulled up externally for data output. High- impedance Signal Applied to the SS Pin Clock Input (CKPOL=0, CKPH=0) Clock Input (CKPOL=1, CKPH=1) Data Output Timing(1) Data Input Timing "H" "L" "H" "L" "H" "L" "H" "L" High- impedance D0 D1 D2 D3 D6 D7 D4 D5 NOTES: 1. P70 and P71 are ports for the N-channel open drain output and must be pulled up externally for data output. Figure 17.25 Transmit and Receive Timing in Slave Mode (External Clock) (CKPH=0) Figure 17.26 Transmit and Receive Timing in Slave Mode (External Clock) (CKPH=1) |