| データシートサーチシステム |
|
SH7205 データシート(PDF) 73 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7205 データシート(HTML) 73 Page - Renesas Technology Corp |
|
73 / 1904 page ![]() Section 1 Overview Rev. 1.00 Mar. 25, 2008 Page 41 of 1868 REJ09B0372-0100 Classification Symbol I/O Name Function IDED15 to IDED0 I/O Data bus Bidirectional data bus IDEA2 to IDEA0 O Address bus Address bus IODACK# O DMA acknowledge Primary channel DMA acknowledge IODREQ O DMA request Primary channel DMA request IDECS#1, IDECS#0 O Chip select Primary channel chip select IDEIOWR# O Write Primary channel disk write IDEIORD# O Read Primary channel disk read IDEIORDY I Ready Primary channel ready signal IDEINT I Interrupt request Primary channel interrupt request IDERST# O Reset Primary channel ATAPI device reset AT attachment packet interface (ATAPI) DIRECTION O Direction External level shifter direction signal R, G, B O RGB output RGB analog output pins REXT I External reference input External reference input pin for D/A converter CBU O External capacitance output External capacitance output pin for D/A converter VIHSYNC I HSYNC signal HSYNC signal input VIVSYNC I VSYNC signal VSYNC signal input VICLK I Pixel clock Pixel clock input VIDATA7 to VIDATA0 I Image data Image data input VICLKENB I Clock enable Indicates that pixel data is valid CSYNC O CSYNC signal Composite sync signal after graphic processing 2D engine (2DG) DCLKIN I Dot clock Dot clock input |