| データシートサーチシステム |
|
32186 データシート(PDF) 4 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
32186 データシート(HTML) 4 Page - Renesas Technology Corp |
|
4 / 1032 page ![]() 1.00 Dec 26, 2005 – First edition issued 1.10 May 15, 2007 – Add the 32185 Group 5-6 Correct notes of IMASK register Incorrect) the Interrupt Request Mask Register (IMASK) in the EIT handler → Correct) the Interrupt Request Mask Register (IMASK) 6-15 Add a description for FAENS 6-16 Add descriptions for ERASE bit and WRERR bit 6-17 Add a description for FENTRY bit 6-19, 20 Correct descriptions of FCNT3 Register 6-34 Add Figure 6.6.7 8-39 Replace Figure 8.7.1 8-40 Replace Figure 8.7.2 8-41 Replace Figure 8.7.3 8-42 Replace Figure 8.7.4 8-44 Add a note about the peripheral function input when it is set to the general-purpose port. 10-114, 176 Add descriptions to Reload register updates timing of PWM period 12-22, 23 Add descriptions to OVR bit, PTY bit, and FLM bit 12-45, 62 Add a note about switching from general-purpose port to serial interface pin 13-27 Add a description to RBO bit 13-31 Add a description to CRS bit 20-2 Correct Figure 20.1.1 20-3 Correct the description of XIN Oscillation Stoppage Detection Circuit Chap.23 Add electrical characteristics of the 32185 Appendix 4 Add correction of notes REVISION HISTORY Rev. Date Description Page Summary (REVISION HISTORY-1) 32185/32186 Group Hardware Manual |