| データシートサーチシステム |
|
R8C/15 データシート(PDF) 68 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C/15 データシート(HTML) 68 Page - Renesas Technology Corp |
|
68 / 277 page ![]() R8C/14 Group, R8C/15 Group 11. Interrupt Rev.2.10 Jan 19, 2006 Page 56 of 253 REJ09B0164-0210 11. Interrupt 11.1 Interrupt Overview 11.1.1 Types of Interrupts Figure 11.1 shows types of Interrupts. Figure 11.1 Interrupts • Maskable Interrupt: The interrupt enable flag (I flag) enables or disables an interrupt. The interrupt priority order based on the interrupt priority level can be changed. • Non-Maskable Interrupt: The interrupt enable flag (I flag) does not enable or disable an interrupt. The interrupt priority order based on interrupt priority level cannot be changed. Interrupt (Non-Maskable Interrupt) Hardware Software (Non-Maskable Interrupt) (Maskable Interrupt) Special Peripheral Function(1) Undefined Instruction (UND Instruction) Overflow (INTO Instruction) BRK Instruction INT Instruction Watchdog Timer Oscillation Stop Detection Voltage Monitor 2 Single Step(2) Address Match NOTES : 1. Peripheral function interrupts in the microcomputer are used to generate the peripheral interrupt. 2. Do not use this interrupt. For development tools only. |