| データシートサーチシステム |
|
R8C/15 データシート(PDF) 223 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C/15 データシート(HTML) 223 Page - Renesas Technology Corp |
|
223 / 277 page ![]() R8C/14 Group, R8C/15 Group 18. Flash Memory Version Rev.2.10 Jan 19, 2006 Page 211 of 253 REJ09B0164-0210 Figure 18.14 Full Status Check and Handling Procedure for Each Error NOTE: 1. To rewrite to the address where the program error occurs, check if the full status check is complete normally and write to the address after the block erase command is executed. Full status check FMR06 = 1 and FMR07 = 1? FMR07 = 0? FMR06 = 0? Full status check completed No Yes Yes No Yes No Command sequence error Erase error Program error Command sequence error Execute the clear status register command (set these status flags to 0) Check if command is properly input Re-execute the command Erase error Execute the clear status register command (set these status flags to 0) Erase command re-execution times ≤ 3 times? Re-execute block erase command Program error Execute the clear status register command (set these status flags to 0) Specify the other address besides the write address where the error occurs for the program address(1) Re-execute program command Block targeting for erasure cannot be used No Yes |