| データシートサーチシステム |
|
SH7280 データシート(PDF) 73 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7280 データシート(HTML) 73 Page - Renesas Technology Corp |
|
73 / 1726 page ![]() Section 2 CPU Rev. 1.00 Jun. 26, 2008 Page 43 of 1692 REJ09B0393-0100 2.4 Instruction Set 2.4.1 Instruction Set by Classification Table 2.10 lists the instructions according to their classification. Table 2.10 Classification of Instructions Classification Types Operation Code Function No. of Instructions MOV Data transfer Immediate data transfer Peripheral module data transfer Structure data transfer Reverse stack transfer MOVA Effective address transfer MOVI20 20-bit immediate data transfer MOVI20S 20-bit immediate data transfer 8-bit left-shit MOVML R0–Rn register save/restore MOVMU Rn–R14 and PR register save/restore MOVRT T bit inversion and transfer to Rn MOVT T bit transfer MOVU Unsigned data transfer NOTT T bit inversion PREF Prefetch to operand cache SWAP Swap of upper and lower bytes Data transfer 13 XTRCT Extraction of the middle of registers connected 62 |