| データシートサーチシステム |
|
M16C/26 データシート(PDF) 231 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M16C/26 データシート(HTML) 231 Page - Renesas Technology Corp |
|
231 / 239 page ![]() Appendix Standard Serial I/O Mode 2 (Flash Memory Version) 225 Renesas Technology Corp. M16C/26 Group SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER Under development Preliminary Specifications Rev. 0.9 Specifications in this manual are tentative and subject to change. Block Erase Command This command erases the data in the specified block. Execute the block erase command as explained here following. (1) Transfer the “2016” command code with the 1st byte. (2) Transfer addresses A8 to A15 and A16 to A23 with the 2nd and 3rd bytes respectively. (3) Transfer the verify command code “D016” with the 4th byte. With the verify command code, the erase operation will start for the specified block in the flash memory. Write the highest address of the specified block for addresses A8 to A23. After block erase ends, the result of the block erase operation can be known by reading the status register. For more information, see the section on the status register. Each block can be erase-protected with the lock bit. For more information, see the section on the data protection function. Figure 1.23.6. Timing for block erasing A8 to A15 A16 to A23 2016 D016 RxD1 TxD1 (M16C reception data) (M16C transmit data) RxD1 TxD1 A716 D016 (M16C reception data) (M16C transmit data) Erase All Code Blocks Command This command erases the content of all code blocks. Execute the erase all code blocks command as explained here following. (1) Transfer the “A716” command code with the 1st byte. (2) Transfer the verify command code “D016” with the 2nd byte. With the verify command code, the erase operation will start and continue for all code blocks in the flash memory. The result of the erase operation can be known by reading the status register. . Figure 1.23.7. Timing for erasing all code blocks. |