| データシートサーチシステム |
|
M16C/62A データシート(PDF) 14 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M16C/62A データシート(HTML) 14 Page - Renesas Technology Corp |
|
14 / 615 page ![]() Serial I/O ....................................................................................................................................... 1-108 2.4.1 Overview of the clock-synchronous serial I/O usage ......................................................... 2-52 2.4.2 Operation of Serial I/O (transmission in clock-synchronous serial I/O mode) ................... 2-60 2.4.3 Operation of the Serial I/O (transmission in clock-synchronous serial I/O mode, transfer clock output from multiple pins function selected) ...................................................................... 2-64 2.4.4 Operation of Serial I/O (reception in clock-synchronous serial I/O mode) ......................... 2-68 2.4.5 Precautions for Serial I/O (in clock-synchronous serial I/O) .............................................. 2-72 2.5.1 Overview of the clock-asynchronous serial I/O usage ....................................................... 2-74 2.5.2 Operation of Serial I/O (transmission in UART mode) ....................................................... 2-84 2.5.3 Operation of Serial I/O (reception in UART mode) ............................................................ 2-88 2.5.4 Operation of Serial I/O (transmission used for SIM interface) ........................................... 2-92 2.5.5 Operation of Serial I/O (reception used for SIM interface) ................................................. 2-96 2.5.6 Clock Signals in used for the SIM Interface ..................................................................... 2-100 2.5.7 Error-permitted range range of transfer baud .................................................................. 2-104 2.6.1 Overview of the SI/O3,4 usage ........................................................................................ 2-106 2.6.2 Operation of SI/O3,4 ........................................................................................................ 2-108 A-D Converter ............................................................................................................................... 1-149 2.7.1 Overview of the A-D converter usage .............................................................................. 2-110 2.7.2 Operation of A-D converter (one-shot mode) .................................................................. 2-116 2.7.3 Operation of A-D Converter (in one-shot mode, an external trigger selected) ................ 2-118 2.7.4 Operation of A-D Converter (in one-shot mode, expanded analog input pin selected) ... 2-120 2.7.5 Operation of A-D Converter (in one-shot mode, external op-amp connection mode selected) . .................................................................................................................................................. 2-122 2.7.6 Operation of A-D Converter (in repeat mode) .................................................................. 2-124 2.7.7 Operation of A-D Converter (in single sweep mode) ....................................................... 2-126 2.7.8 Operation of A-D Converter (in repeat sweep mode 0) ................................................... 2-128 2.7.9 Operation of A-D Converter (in repeat sweep mode 1) ................................................... 2-130 2.7.10 Precautions for A-D Converter ....................................................................................... 2-132 2.7.11 Method of A-D Conversion (10-bit mode) ...................................................................... 2-133 2.7.12 Method of A-D Conversion (8-bit mode) ........................................................................ 2-135 2.7.13 Absolute Accuracy and Differential Non-Linearity Error ................................................ 2-137 2.7.14 Internal Equivalent Circuit of Analog Input ..................................................................... 2-139 2.7.15 Sensor’s Output Impedance under A-D Conversion ...................................................... 2-140 D-A Converter ............................................................................................................................... 1-159 2.8.1 Overview of the D-A converter usage .............................................................................. 2-142 |