| データシートサーチシステム |
|
M30624FGGP データシート(PDF) 9 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M30624FGGP データシート(HTML) 9 Page - Renesas Technology Corp |
|
9 / 621 page ![]() 2.5 Clock-Asynchronous Serial I/O (UART) ...................................................................................... 348 2.5.1 Overview .............................................................................................................................. 348 2.5.2 Operation of Serial I/O (transmission in UART mode) ......................................................... 358 2.5.3 Operation of Serial I/O (reception in UART mode) .............................................................. 362 2.5.4 Operation of Serial I/O (transmission compliant with SIM interface) ................................... 366 2.5.5 Operation of Serial I/O (reception compliant with SIM interface) ......................................... 370 2.5.6 Clock Signals in compliance with the SIM Interface ............................................................ 374 2.6 SI/O3,4 ........................................................................................................................................378 2.6.1 Overview .............................................................................................................................. 378 2.6.2 Operationof SI/O3,4 ............................................................................................................. 380 2.7 A-D Converter ............................................................................................................................. 382 2.7.1 Overview .............................................................................................................................. 382 2.7.2 Operation of A-D converter (one-shot mode) ...................................................................... 388 2.7.3 Operation of A-D Converter (in one-shot mode, an external trigger selected) .................... 390 2.7.4 Operation of A-D Converter (in one-shot mode, expanded analog input pin selected) ....... 392 2.7.5 Operation of A-D Converter (in one-shot mode, external op-amp connection mode selected) .................................................................. 394 2.7.6 Operation of A-D Converter (in repeat mode) ...................................................................... 396 2.7.7 Operation of A-D Converter (in single sweep mode) ........................................................... 398 2.7.8 Operation of A-D Converter (in repeat sweep mode 0) ....................................................... 400 2.7.9 Operation of A-D Converter (in repeat sweep mode 1) ....................................................... 402 2.7.10 Precautions for A-D Converter ........................................................................................... 404 2.7.11 Method of A-D Conversion (10-bit mode) .......................................................................... 405 2.7.12 Method of A-D Conversion (8-bit mode) ............................................................................ 407 2.7.13 Absolute Accuracy and Differential Non-Linearity Error .................................................... 409 2.7.14 Internal Equivalent Circuit of Analog Input ......................................................................... 411 2.7.15 Sensor’s Output Impedance under A-D Conversion .......................................................... 412 2.8 D-A Converter ............................................................................................................................. 414 2.8.1 Overview .............................................................................................................................. 414 2.8.2 D-A Converter Operation ..................................................................................................... 415 2.9 DMAC ......................................................................................................................................... 416 2.9.1 Overview .............................................................................................................................. 416 2.9.2 Operation of DMAC (one-shot transfer mode) ..................................................................... 420 2.9.3 Operation of DMAC (repeated transfer mode) ..................................................................... 422 2.10 CRC Calculation Circuit ............................................................................................................ 424 |