| データシートサーチシステム |
|
SH7721 データシート(PDF) 96 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7721 データシート(HTML) 96 Page - Renesas Technology Corp |
|
96 / 1524 page ![]() Section 1 Overview Rev. 3.00 Jan. 18, 2008 Page 34 of 1458 REJ09B0033-0300 Classification Symbol I/O Name Function PTG6 to PTG0 I/O General purpose port 7-bit general-purpose port pins PTH6 to PTH0 I/O General purpose port 7-bit general-purpose port pins PTJ6 to PTJ0 I/O General purpose port 7-bit general-purpose port pins PTK3 to PTK0 I/O General purpose port 4-bit general-purpose port pins PTL7 to PTL3 I/O General purpose port 5-bit general-purpose port pins PTM7 to PTM0 I/O General purpose port 8-bit general-purpose port pins PTP4 to PTP0 I/O General purpose port 5-bit general-purpose port pins PTR7 to PTR0 I/O General purpose port 8-bit general-purpose port pins PTS4 to PTS0 I/O General purpose port 5-bit general-purpose port pins PTT4 to PTT0 I/O General purpose port 5-bit general-purpose port pins PTU4 to PTU0 I/O General purpose port 5-bit general-purpose port pins I/O port PTV4 to PTV0 I/O General purpose port 5-bit general-purpose port pins TCK I Test clock Test-clock input pin TMS I Test mode select Test-mode select signal input pin TDI I Test data input Serial input pin for instructions and data TDO O Test data output Serial output pin for instructions and data User debugging interface (H-UDI) TRST I Test reset Initial-signal input pin |