| データシートサーチシステム |
|
SH7721 データシート(PDF) 132 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7721 データシート(HTML) 132 Page - Renesas Technology Corp |
|
132 / 1524 page ![]() Section 2 CPU Rev. 3.00 Jan. 18, 2008 Page 70 of 1458 REJ09B0033-0300 Instruction Instruction Code Operation Privileged Mode Cycles T Bit EXTS.B Rm,Rn 0110nnnnmmmm1110 A byte in Rm is sign-extended → Rn – 1 – EXTS.W Rm,Rn 0110nnnnmmmm1111 A word in Rm is sign-extended → Rn – 1 – EXTU.B Rm,Rn 0110nnnnmmmm1100 A byte in Rm is zero-extended → Rn – 1 – EXTU.W Rm,Rn 0110nnnnmmmm1101 A word in Rm is zero- extended → Rn – 1 – MAC.L @Rm+, @Rn+ 0000nnnnmmmm1111 Signed operation of (Rn) × (Rm) + MAC → MAC, Rn + 4 → Rn, Rm + 4 → Rm 32 × 32 + 64 → 64 bits – 2 (to 5)* – MAC.W @Rm+, @Rn+ 0100nnnnmmmm1111 Signed operation of (Rn) × (Rm) + MAC → MAC, Rn + 2 → Rn, Rm + 2 → Rm 16 × 16 + 64 → 64 bits – 2 (to 5)* – MUL.L Rm,Rn 0000nnnnmmmm0111 Rn × Rm → MACL 32 × 32 → 32 bits – 2 (to 5) * – MULS.W Rm,Rn 0010nnnnmmmm1111 Signed operation of Rn × Rm → MACL 16 × 16 → 32 bits – 1( to 3)* – MULU.W Rm,Rn 0010nnnnmmmm1110 Unsigned operation of Rn × Rm → MACL 16 × 16 → 32 bits – 1(to 3)* – NEG Rm,Rn 0110nnnnmmmm1011 0–Rm →Rn – 1 – NEGC Rm,Rn 0110nnnnmmmm1010 0–Rm–T →Rn, Borrow→T – 1 Borrow SUB Rm,Rn 0011nnnnmmmm1000 Rn–Rm →Rn – 1 – SUBC Rm,Rn 0011nnnnmmmm1010 Rn–Rm–T →Rn, Borrow →T – 1 Borrow SUBV Rm,Rn 0011nnnnmmmm1011 Rn–Rm →Rn, Underflow→T – 1 Underflow Note: * The number of execution cycles indicated within the parentheses ( ) are required when the operation result is read from the MACH/MACL register immediately after the instruction. |