| データシートサーチシステム |
|
SH7721 データシート(PDF) 166 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7721 データシート(HTML) 166 Page - Renesas Technology Corp |
|
166 / 1524 page ![]() Section 3 DSP Operating Unit Rev. 3.00 Jan. 18, 2008 Page 104 of 1458 REJ09B0033-0300 3.4.1 General Registers The DSP instructions 10 general registers in the 16 general registers are used as address pointers or index registers for double data transfers and single data transfers. In the following descriptions, another register function in the DSP instructions is also indicated within parentheses [ ]. • Double data transfer instructions (X memory and Y memory are accessed simultaneously) In double data transfers, X memory Y memory can be accessed simultaneously. To specify X and Y memory addresses, two address pointers are supported. Address Pointer Index Register X memory (MOVX.W) R4,R5[Ax] R8 [Ix] Y memory (MOVY.W) R6,R7[Ay] R9 [Iy] • Single data transfer instructions In single data transfer, any virtual address space can be accessed via the L bus. The following address pointers and index registers are used. Address Pointer Index Register Any virtual space (MOVS.W/L) R4,R5, R2, R3[As] R8 [Is] 31 General registers (DSP mode) X and Y double data transfers: R4, 5 R8 Single data transfers: R4, 5, 2, 3 R8 R6, 7 R9 [Ax] [Ix] [As] [Is] [Ay] [Iy] : Address register set for the X data memory : Index register for X address register set Ax : Address register set for all data memories : Index register used for single data transfers : Address register set for the Y data memory : Index register for Y address register set Ay R0 R1 R2 R3 R4 R5 R6 R7 R8 R9 R10 R11 R12 R13 R14 R15 [As2] [As3] [As0] [As1, Ax1] [Ay0] [Ay1] [Ix, Is] [Iy] 0 Figure 3.5 General Registers (DSP Mode) |