データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

38B7 データシート(PDF) 21 Page - Renesas Technology Corp

部品番号 38B7
部品情報  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38B7 データシート(HTML) 21 Page - Renesas Technology Corp

Back Button 38B7 Datasheet HTML 17Page - Renesas Technology Corp 38B7 Datasheet HTML 18Page - Renesas Technology Corp 38B7 Datasheet HTML 19Page - Renesas Technology Corp 38B7 Datasheet HTML 20Page - Renesas Technology Corp 38B7 Datasheet HTML 21Page - Renesas Technology Corp 38B7 Datasheet HTML 22Page - Renesas Technology Corp 38B7 Datasheet HTML 23Page - Renesas Technology Corp 38B7 Datasheet HTML 24Page - Renesas Technology Corp 38B7 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 415 page
background image
i
38B7 Group User’s Manual
List of tables
List of tables
CHAPTER 1 HARDWARE
Table 1 Pin description (1) ........................................................................................................... 1-5
Table 2 Pin description (2) ........................................................................................................... 1-6
Table 3 List of supported products ............................................................................................. 1-8
Table 4 Push and pop instructions of accumulator or processor status register ............... 1-10
Table 5 Set and clear instructions of each bit of processor status register ....................... 1-11
Table 6 List of I/O port functions (1) ........................................................................................ 1-16
Table 7 List of I/O port functions (2) ........................................................................................ 1-17
Table 8 Interrupt vector addresses and priority ...................................................................... 1-22
Table 9 FLD controller specifications ........................................................................................ 1-44
Table 10 Pins in FLD automatic display mode ........................................................................ 1-50
Table 11 Relationship between low-order 6-bit data and setting period of ADD bit ......... 1-64
Table 12 Pin assignments of M38B79FF when operating in the parallel input/output mode
..................................................................................................................................... 1-78
Table 13 Assignment states of control input and each state ................................................ 1-78
Table 14 Pin description (flash memory parallel I/O mode) .................................................. 1-79
Table 15 Software command (parallel input/output mode) ..................................................... 1-81
Table 16 DC ELECTRICAL CHARACTERISTICS (Ta = 25
°C, VCC = 5 V ± 10 %, unless
otherwise noted) ......................................................................................................... 1-87
Table 17 Read-only mode ........................................................................................................... 1-87
Table 18 Read/Write mode ......................................................................................................... 1-87
Table 19 Pin description (flash memory serial I/O mode) ..................................................... 1-89
Table 20 Software command (serial I/O mode) ....................................................................... 1-90
Table 21 AC Electrical characteristics ...................................................................................... 1-94
CHAPTER 2 APPLICATION
Table 2.1.1 Termination of unused pins ..................................................................................... 2-8
Table 2.3.1 Setting examples of baud rate generator values and transfer bit rate values
........................................................................................................................................................ 2-76
Table 2.3.2 SIO1CON3 (address 001C16) setting example selecting internal synchronous clock
........................................................................................................................................................ 2-88
Table 2.3.3 SIO1CON3 (address 001C16) setting example selecting external synchronous clock
........................................................................................................................................................ 2-88
Table 2.4.1 FLD automatic display RAM map ....................................................................... 2-104
Table 2.4.2 FLD automatic display RAM map example ....................................................... 2-105
Table 2.4.3 FLD automatic display RAM map ....................................................................... 2-112
Table 2.4.4 FLD automatic display RAM map example ....................................................... 2-113
Table 2.4.5 FLD automatic display RAM map example ....................................................... 2-118
Table 2.4.6 FLD automatic display RAM map ....................................................................... 2-124
Table 2.11.1 Pin state during “L” state of RESET pin ......................................................... 2-164
Table 2.13.1 Setting of EPROM programmer when parallel programming ........................ 2-177
Table 2.13.2 Connection example to programmer when serial programming ................... 2-177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More