データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

7721 データシート(PDF) 106 Page - Renesas Technology Corp

部品番号 7721
部品情報  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 データシート(HTML) 106 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 102Page - Renesas Technology Corp 7721 Datasheet HTML 103Page - Renesas Technology Corp 7721 Datasheet HTML 104Page - Renesas Technology Corp 7721 Datasheet HTML 105Page - Renesas Technology Corp 7721 Datasheet HTML 106Page - Renesas Technology Corp 7721 Datasheet HTML 107Page - Renesas Technology Corp 7721 Datasheet HTML 108Page - Renesas Technology Corp 7721 Datasheet HTML 109Page - Renesas Technology Corp 7721 Datasheet HTML 110Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 577 page
background image
7721 Group User’s Manual
7–9
INTERRUPTS
7.4 Interrupt priority level
When the interrupt disable flag (I) = “0” (interrupts enabled) and more than one interrupt request is detected
at the same sampling timing, which means a timing to check whether an interrupt request exists or not, they
are accepted in order of priority levels. In other words, the interrupt request with the highest priority level
is accepted first.
Among a total of 23 interrupt sources, the user can set the desired priority levels for 20 interrupt sources
except software interrupts (zero division and BRK instruction interrupts) and the watchdog timer interrupt.
Use the interrupt priority level select bits to set their priority levels. Priority levels of reset, which is handled
as the interrupt request with the highest priority, and the watchdog timer interrupt are set by hardware.
Figure 7.4.1 shows the interrupt priority set by hardware.
Note that software interrupts are not affected by the interrupt priority levels. Whenever the instruction is
executed, a program certainly branches to the interrupt routine.
7.4 Interrupt priority level
Watchdog
timer
Reset
20 interrupt sources except software interrupts
and watchdog timer interrupt
The user can set the desired priority levels inside of the dotted line.
Priority levels determined by hardware
High
Low
Priority level
••••••••••••••••••
Fig. 7.4.1 Interrupt priority level set by hardware



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More