| データシートサーチシステム |
|
7721 データシート(PDF) 124 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7721 データシート(HTML) 124 Page - Renesas Technology Corp |
|
124 / 577 page ![]() TIMER A 7721 Group User’s Manual 8–5 8.2 Block description 8.2.2 Count start register This register is used to start and stop counting. Each bit of this register corresponds to each timer. Figure 8.2.2 shows the structure of the count start register. Fig. 8.2.2 Structure of count start register Bit Timer B2 count start bit Timer B1 count start bit Timer B0 count start bit Timer A4 count start bit Timer A3 count start bit Timer A2 count start bit Timer A1 count start bit Timer A0 count start bit Bit name At reset 0 0 0 0 0 0 0 0 RW Functions b7 b6 b5 b4 b3 b2 b1 b0 Count start register (Address 4016) 0 : Stop counting 1 : Start counting RW RW RW RW RW RW RW RW 0 1 2 3 4 5 6 7 : Bits 5 to 7 are not used for Timer A. |