| データシートサーチシステム |
|
7721 データシート(PDF) 146 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7721 データシート(HTML) 146 Page - Renesas Technology Corp |
|
146 / 577 page ![]() TIMER A 7721 Group User’s Manual 8–27 8.4 Event counter mode qQuadruple processing Countup is performed at all rising and falling edges input to the TA4OUT and TA4IN pins when the phase has the relationship that the TA4IN pin’s input signal level goes from “L” to “H” while the TA4OUT pin’s input signal is at “H” level. Countdown is performed at all rising and falling edges input to the TA4OUT and TA4IN pins when the phase has the relationship that the TA4IN pin’s input signal level goes from “H” to “L” while the TA4OUT pin’s input signal is at “H” level. (Refer to “Figure 8.4.8.”) Table 8.4.3 lists the relationship between the input signals to the TA4OUT and TA4IN pins and count operation when the quadruple processing is selected. Table 8.4.3 Relationship between input signals to TA4OUT and TA4IN pins and count operation when quadruple processing is selected Fig. 8.4.8 Quadruple processing TA4OUT TA4IN +1 +1 +1 +1 +1 +1 +1 +1 +1 +1 Counted up at all edges –1 –1 –1 –1 –1 –1 –1 –1 –1 –1 Counted up at all edges Counted down at all edges Counted down at all edges Input signal to TA4OUT pin Input signal to TA4IN pin “H” level “L” level Rising edge Falling edge “H” level “L” level Rising edge Falling edge Rising edge Falling edge “L” level “H” level Falling edge Rising edge “H” level “L” level Up-count Down-count |