| データシートサーチシステム |
|
7721 データシート(PDF) 303 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7721 データシート(HTML) 303 Page - Renesas Technology Corp |
|
303 / 577 page ![]() 7721 Group User’s Manual 13-24 DMA CONTROLLER 13.3 Control Fig. 13.3.2 Example of timing from determination of DMA request until DMA transfer execution The above timing diagram applies on the following conditions: • Single transfer mode, or Repeat transfer mode • 2-bus cycle transfer • No Wait • DMAACKi valid, TC valid • External source (DMAREQi) • After DMAi request occurs (“L” is input to the DMAREQi pin.), the right to use bus is relinquished to DMAC at the shortest time. φ1 ALE E R/W Address Address/Data DMAi enable bit DMAREQi DMAi request bit BUS REQUEST(DMAC) Bus request sampling DMAACKi TC ST1 ST0 DMAi interrupt request bit PC SAR DAR PC,PG SAR DAR Data H 1 0 Transition of right to use bus 1-unit transfer Read cycle Write cycle When DMAi request is sampled at this point V Data When Burst transfer mode (edge sense) selected When Burst transfer mode (level sense) selected When Cycle-steal transfer mode selected V: Channel priority level determination and bus use priority level determination (1.5 cycles of φ) |