データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

H8/3028F データシート(PDF) 528 Page - Renesas Technology Corp

部品番号 H8/3028F
部品情報  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028F データシート(HTML) 528 Page - Renesas Technology Corp

Back Button H8/3028F Datasheet HTML 524Page - Renesas Technology Corp H8/3028F Datasheet HTML 525Page - Renesas Technology Corp H8/3028F Datasheet HTML 526Page - Renesas Technology Corp H8/3028F Datasheet HTML 527Page - Renesas Technology Corp H8/3028F Datasheet HTML 528Page - Renesas Technology Corp H8/3028F Datasheet HTML 529Page - Renesas Technology Corp H8/3028F Datasheet HTML 530Page - Renesas Technology Corp H8/3028F Datasheet HTML 531Page - Renesas Technology Corp H8/3028F Datasheet HTML 532Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 528 / 923 page
background image
Rev. 2.00, 09/03, page 498 of 890
13.3.4
Synchronous Operation
In synchronous mode, the SCI transmits and receives data in synchronization with clock pulses.
This mode is suitable for high-speed serial communication.
The SCI transmitter and receiver share the same clock but are otherwise independent, so full-
duplex communication is possible. The transmitter and the receiver are also double-buffered, so
continuous transmitting or receiving is possible by reading or writing data while transmitting or
receiving is in progress.
Figure 13.14 shows the general format in synchronous serial communication.
Don't care
One unit (character or frame) of transfer data
MSB
Bit 0
Bit 1
Bit 3
Bit 2
Bit 4
Bit 5
Bit 6
Bit 7
LSB
Don't care
Serial clock
Serial data
*
*
Note: * High except in continuous transmitting or receiving
Figure 13.14 Data Format in Synchronous Communication
In synchronous serial communication, each data bit is placed on the communication line from one
falling edge of the serial clock to the next. Data is guaranteed valid at the rise of the serial clock.
In each character, the serial data bits are transferred in order from LSB (first) to MSB (last). After
output of the MSB, the communication line remains in the state of the MSB. In synchronous
mode the SCI receives data by synchronizing with the rise of the serial clock.
Communication Format
The data length is fixed at 8 bits. No parity bit or multiprocessor bit can be added.
Clock
An internal clock generated by the on-chip baud rate generator or an external clock input from the
SCK pin can be selected by means of the C/
A bit in SMR and the CKE1 and CKE0 bits in SCR.
See table 13.9 for details of SCI clock source selection.
When the SCI operates on an internal clock, it outputs the clock source at the SCK pin. Eight
clock pulses are output per transmitted or received character. When the SCI is not transmitting or
receiving, the clock signal remains in the high state. If receiving in single-character units is
required, an external clock should be selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More