| データシートサーチシステム |
|
H8/3028F データシート(PDF) 530 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3028F データシート(HTML) 530 Page - Renesas Technology Corp |
|
530 / 923 page ![]() Rev. 2.00, 09/03, page 500 of 890 Transmitting Serial Data (Synchronous Mode): Figure 13.16 shows a sample flowchart for transmitting serial data and indicates the procedure to follow. <End> Yes Yes Clear TE bit to 0 in SCR Yes No No (2) (1) Initialize (3) (1) (2) (3) Start transmitting TDRE = 1 All data transmitted? Read TEND flag in SSR Read TDRE flag in SSR Write transmit data in TDR and clear TDRE flag to 0 in SSR TEND = 1 No SCI initialization: the transmit data output function of the TxD pin is selected automatically. SCI status check and transmit data write: read SSR, check that the TDRE flag is 1, then write transmit data in TDR and clear the TDRE flag to 0. To continue transmitting serial data: after checking that the TDRE flag is 1, indicating that data can be written, write data in TDR, then clear the TDRE flag to 0. When the DMAC is activated by a transmit-data-empty interrupt request (TXI) to write data in TDR, the TDRE flag is checked and cleared automatically. Figure 13.16 Sample Flowchart for Serial Transmitting |