| データシートサーチシステム |
|
H8/3028F データシート(PDF) 614 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3028F データシート(HTML) 614 Page - Renesas Technology Corp |
|
614 / 923 page ![]() Rev. 2.00, 09/03, page 584 of 890 18.4 Overview of Operation 18.4.1 Mode Transitions When the mode pins and the FWE pin are set in the reset state and a reset-start is executed, the H8/3028F-ZTAT enters one of the operating modes shown in figure 18.2. In user mode, flash memory can be read but not programmed or erased. Flash memory can be programmed and erased in boot mode, user program mode, and PROM mode. Boot mode and user program mode cannot be used in the H8/3028F-ZTAT’s mode 6 (normal mode with on-chip ROM enabled). |