| データシートサーチシステム |
|
H8/3028F データシート(PDF) 617 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3028F データシート(HTML) 617 Page - Renesas Technology Corp |
|
617 / 923 page ![]() Rev. 2.00, 09/03, page 587 of 890 Example of User Program Mode Operation Flash memory H8/3028F-ZTAT RAM Host Programming/erase control program SCI Boot program New application program Flash memory H8/3028F-ZTAT RAM Host SCI New application program Flash memory H8/3028F-ZTAT RAM Host SCI Flash memory erase Boot program New application program Flash memory H8/3028F-ZTAT Program execution state RAM Host SCI Boot program Programming/erase control program Boot program FWE assessment program Transfer program Application program (old version) Application program (old version) FWE assessment program Transfer program New application program FWE assessment program Transfer program 1. Initial state The FWE assessment program that confirms that user program mode has been entered, and the program that will transfer the programming/ erase control program from flash memory to on-chip RAM should be written into the flash memory by the user beforehand. The programming/erase control program should be prepared in the host or in the flash memory. 3. Flash memory initialization The programming/erase program in RAM is executed, and the flash memory is initialized (to H'FF). Erasing can be performed in block units, but not in byte units. 4. Writing new application program Next, the new application program in the host is written into the erased flash memory blocks. Do not write to unerased blocks. 2. Programming/erase control program transfer When user program mode is entered, user software recognizes this fact, executes the transfer program in the flash memory, and transfers the programming/erase control program to RAM. FWE assessment program Transfer program Programming/erase control program Programming/erase control program |