データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

H8/3028F データシート(PDF) 626 Page - Renesas Technology Corp

部品番号 H8/3028F
部品情報  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028F データシート(HTML) 626 Page - Renesas Technology Corp

Back Button H8/3028F Datasheet HTML 622Page - Renesas Technology Corp H8/3028F Datasheet HTML 623Page - Renesas Technology Corp H8/3028F Datasheet HTML 624Page - Renesas Technology Corp H8/3028F Datasheet HTML 625Page - Renesas Technology Corp H8/3028F Datasheet HTML 626Page - Renesas Technology Corp H8/3028F Datasheet HTML 627Page - Renesas Technology Corp H8/3028F Datasheet HTML 628Page - Renesas Technology Corp H8/3028F Datasheet HTML 629Page - Renesas Technology Corp H8/3028F Datasheet HTML 630Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 626 / 923 page
background image
Rev. 2.00, 09/03, page 596 of 890
The contents of the CPU’s internal general registers are undefined at this time, so these
registers must be initialized immediately after branching to the user program. In particular,
since the stack pointer (SP) is used implicitly in subroutine calls, etc., a stack area must be
specified for use by the user program.
The initial values of other on-chip registers are not changed.
6. Boot mode can be entered by setting pins MD0 to MD2 and FWE in accordance with the mode
setting conditions shown in table 18.6, and then executing a reset-start.
a. When switching from boot mode to normal mode, the boot mode state within the chip must
first be cleared by reset input via the
RES pin*1. The RES pin must be held low for at least
20 system clock cycles.*3
b. Do not change the input levels of the mode pins (MD2 to MD0) or the FWE pin in boot
mode. To change the mode, the
RES pin must first be driven low to set the reset state. Also,
if a watchdog timer reset occurs in the boot mode state, the MCU’s internal state will not
be cleared, and the on-chip boot program will be restarted regardless of the mode pin
states.
c. The FWE pin must not be driven low while the boot program is running or flash memory is
being programmed or erased*2.
7. If the mode pin input levels are changed (for example, from low to high) during a reset, the
state of ports with multiplexed address functions and bus control output signals (
CSn, AS, RD,
LWR, HWR) may also change according to the change in the MCU’s operating mode.
Therefore, care must be taken to make pin settings to prevent these pins from being used
directly as output signal pins during a reset, or to prevent collision with signals outside the
MCU.
H8/3028F-ZTAT
MD2
MD1
MD0
FWE
RES
CSn
System
control
unit
External
memory,
etc.
Notes: 1. Mode pin and FWE pin input must satisfy the mode programming setup time (tMDS)
with respect to the reset release timing.
2. For further information on FWE application and disconnection, see section 18.11,
Flash Memory Programming and Erasing Precautions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More