データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

H8/3028F データシート(PDF) 629 Page - Renesas Technology Corp

部品番号 H8/3028F
部品情報  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028F データシート(HTML) 629 Page - Renesas Technology Corp

Back Button H8/3028F Datasheet HTML 625Page - Renesas Technology Corp H8/3028F Datasheet HTML 626Page - Renesas Technology Corp H8/3028F Datasheet HTML 627Page - Renesas Technology Corp H8/3028F Datasheet HTML 628Page - Renesas Technology Corp H8/3028F Datasheet HTML 629Page - Renesas Technology Corp H8/3028F Datasheet HTML 630Page - Renesas Technology Corp H8/3028F Datasheet HTML 631Page - Renesas Technology Corp H8/3028F Datasheet HTML 632Page - Renesas Technology Corp H8/3028F Datasheet HTML 633Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 629 / 923 page
background image
Rev. 2.00, 09/03, page 599 of 890
18.6
Flash Memory Programming/Erasing
A software method, using the CPU, is employed to program and erase flash memory in the on-
board programming modes. There are four flash memory operating modes: program mode, erase
mode, program-verify mode, and erase-verify mode. Transitions to these modes for addresses
H'000000 to H'03FFFF are made by setting the PSU, ESU, P, E, PV, and EV bits in FLMCR1.
The flash memory cannot be read while being programmed or erased. Therefore, the program
(user program) that controls flash memory programming/erasing should be located and executed in
on-chip RAM or external memory.
See section 18.11, Flash Memory Programming and Erasing Precautions, for points to be noted
when programming or erasing the flash memory. In the following operation descriptions, wait
times after setting or clearing individual bits in FLMCR1 are given as parameters; for details of
the wait times, see section 21.2.6, Flash Memory Characteristics.
Notes: 1. Operation is not guaranteed if setting/resetting of the SWE, ESU, PSU, EV, PV, E, and
P bits in FLMCR1 is executed by a program in flash memory.
2. When programming or erasing, set FWE to 1 (programming/erasing will not be
executed if FWE = 0).
3. Programming must be executed in the erased state. Do not perform additional
programming on addresses that have already been programmed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More