| データシートサーチシステム |
|
H8/3028F データシート(PDF) 669 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3028F データシート(HTML) 669 Page - Renesas Technology Corp |
|
669 / 923 page ![]() Rev. 2.00, 09/03, page 639 of 890 Bit 6—Reserved: This bit can be written and read. Bit 5—Module Standby L5 (MSTPL5): Selects whether to place the DRAM interface in standby. Bit 5 MSTPL5 Description 0 DRAM interface operates normally (Initial value) 1 DRAM interface is in standby state Bit 4—Module Standby L4 (MSTPL4): Selects whether to place the 16-bit timer in standby. Bit 4 MSTPL4 Description 0 16-bit timer operates normally (Initial value) 1 16-bit timer is in standby state Bit 3—Module Standby L3 (MSTPL3): Selects whether to place 8-bit timer channels 0 and 1 in standby. Bit 3 MSTPL3 Description 0 8-bit timer channels 0 and 1 operate normally (Initial value) 1 8-bit timer channels 0 and 1 are in standby state Bit 2—Module Standby L2 (MSTPL2): Selects whether to place 8-bit timer channels 2 and 3 in standby. Bit 2 MSTPL2 Description 0 8-bit timer channels 2 and 3 operate normally (Initial value) 1 8-bit timer channels 2 and 3 are in standby state Bit 1—Reserved: This bit can be written and read. Bit 0—Module Standby L0 (MSTPL0): Selects whether to place the A/D converter in standby. Bit 0 MSTPL0 Description 0 A/D converter operates normally (Initial value) 1 A/D converter is in standby state |