| データシートサーチシステム |
|
H8/3028F データシート(PDF) 665 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3028F データシート(HTML) 665 Page - Renesas Technology Corp |
|
665 / 923 page ![]() Rev. 2.00, 09/03, page 635 of 890 20.2 Register Configuration The H8/3028 Group has a system control register (SYSCR) that controls the power-down state, and module standby control registers H (MSTCRH) and L (MSTCRL) that control the module standby function. Table 20.2 summarizes these registers. Table 20.2 Control Register Address* Name Abbreviation R/W Initial Value H'EE012 System control register SYSCR R/W H'09 H'EE01C Module standby control register H MSTCRH R/W H'78 H'EE01D Module standby control register L MSTCRL R/W H'00 Note: * Lower 20 bits of the address in advanced mode. 20.2.1 System Control Register (SYSCR) Bit Initial value Read/Write 7 SSBY 0 R/W 6 STS2 0 R/W 5 STS1 0 R/W 4 STS0 0 R/W 3 UE 1 R/W 0 RAME 1 R/W 2 NMIEG 0 R/W 1 SSOE 0 R/W Software standby Enables transition to software standby mode RAM enable Standby timer select 2 to 0 These bits select the waiting time of the CPU and peripheral functions User bit enable NMI edge select Software standby output port enable SYSCR is an 8-bit readable/writable register. Bit 7 (SSBY), bits 6 to 4 (STS2 to STS0), and bit 1 (SSOE) control the power-down state. For information on the other SYSCR bits, see section 3.3, System Control Register (SYSCR). |