| データシートサーチシステム |
|
H8/3028F データシート(PDF) 817 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3028F データシート(HTML) 817 Page - Renesas Technology Corp |
|
817 / 923 page ![]() Rev. 2.00, 09/03, page 787 of 890 MAR1A R/E/H/L—Memory Address Register 1A R/E/H/L H'FFF30 DMAC1 H'FFF31 H'FFF32 H'FFF33 Bit Initial value Read/Write R/W R/W R/W R/W R/W R/W R/W R/W 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 11 11 1 1 1 1 MAR1AR MAR1AE Undetermined Bit Initial value Read/Write R/W R/W R/W R/W R/W R/W R/W R/W 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 MAR1AH MAR1AL Undetermined R/W R/W R/W R/W R/W R/W R/W R/W Undetermined Note: Bit functions are the same as for DMAC0. ETCR1A H/L—Execute Transfer Count Register 1A H/L H'FFF34 DMAC1 H'FFF35 Bit Initial value Read/Write R/W R/W R/W R/W R/W R/W R/W R/W 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Undetermined Note: Bit functions are the same as for DMAC0. R/W R/W R/W R/W R/W R/W R/W R/W Bit Initial value Read/Write 76 5 4 3 2 1 0 Undetermined R/W R/W R/W R/W R/W R/W R/W R/W 76 5 4 3 2 1 0 ETCR1AH Undetermined R/W R/W R/W R/W R/W R/W R/W R/W ETCR1AL |