| データシートサーチシステム |
|
H8/3028F データシート(PDF) 818 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3028F データシート(HTML) 818 Page - Renesas Technology Corp |
|
818 / 923 page ![]() Rev. 2.00, 09/03, page 788 of 890 IOAR1A—I/O Address Register 1A H'FFF36 DMAC1 Bit Initial value Read/Write R/W 7 R/W 6 R/W 5 R/W 4 R/W 3 R/W 2 R/W 1 R/W 0 Note: Bit functions are the same as for DMAC0. Undetermined DTCR1A—Data Transfer Control Register 1A H'FFF37 DMAC1 • Short address mode Bit Initial value Read/Write 0 R/W 7 DTE 0 R/W 6 DTSZ 0 R/W 5 DTID 0 R/W 4 RPE 0 R/W 3 DTIE 0 R/W 2 DTS2 0 R/W 1 DTS1 0 R/W 0 DTS0 • Full address mode Bit Initial value Read/Write 0 R/W 7 DTE 0 R/W 6 DTSZ 0 R/W 5 SAID 0 R/W 4 SAIDE 0 R/W 3 DTIE 0 R/W 2 DTS2A 0 R/W 1 DTS1A 0 R/W 0 DTS0A Note: Bit functions are the same as for DMAC0. |