| データシートサーチシステム |
|
H8/3028F データシート(PDF) 828 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3028F データシート(HTML) 828 Page - Renesas Technology Corp |
|
828 / 923 page ![]() Rev. 2.00, 09/03, page 798 of 890 TCR0—Timer Control Register H'FFF68 16-bit timer channel 0 Bit Initial value Read/Write 1 — 7 — 0 R/W 6 CCLR1 0 R/W 5 CCLR0 0 R/W 4 CKEG1 0 R/W 3 CKEG0 0 R/W 2 TPSC2 0 R/W 1 TPSC1 0 R/W 0 TPSC0 Timer prescaler 2 to 0 TCNT Clock Source Bit 2 TPSC2 Bit 1 TPSC1 Bit 0 TPSC0 Internal clock : φ (Initial value) Internal clock : φ/2 Internal clock : φ/4 Internal clock : φ/8 External clock A : TCLKA input External clock B : TCLKB input External clock C : TCLKC input External clock D : TCLKD input 0 1 0 1 0 1 0 1 0 1 0 1 0 1 Clock edge 1 and 0 Counted Edges of External Clock Bit 4 CKEG1 Bit 3 CKEG0 Rising edges counted Falling edges counted Both edges counted 0 1 — 0 0 1 Counter clear 1 and 0 TCNT clear Sources Bit 6 CCLR1 Bit 5 CCLR0 TCNT is not cleared TCNT is cleared by GRA compare match or input capture TCNT is cleared by GRB compare match or input capture Synchronous clear : TCNT is cleared in synchronization with other synchronized timers 0 1 0 1 0 1 (Initial value) (Initial value) |