| データシートサーチシステム |
|
H8/3028F データシート(PDF) 832 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3028F データシート(HTML) 832 Page - Renesas Technology Corp |
|
832 / 923 page ![]() Rev. 2.00, 09/03, page 802 of 890 TCR2 Timer Control Register 2 H'FFF78 16-bit timer channel 2 7 — 1 — Bit Initial value Notes: 1. Bit functions are the same as for 16-bit timer channel 0. 2. When phase counting mode is selected in channel 2, the settings of bits CKEG1 and CKEG0 and TPSC2 to TPSC0 in TCR2 are ignored. Read/Write 6 CCLR1 0 R/W 5 CCLR0 0 R/W 4 CKEG1 0 R/W 3 CKEG0 0 R/W 2 TPSC2 0 R/W 1 TPSC1 0 R/W 0 TPSC0 0 R/W TIOR2—Timer I/O Control Register 2 H'FFF79 16-bit timer channel 2 7 — 1 — Bit Initial value Read/Write 6 IOB2 0 R/W 5 IOB1 0 R/W 4 IOB0 0 R/W 3 — 1 — 2 IOA2 0 R/W 1 IOA1 0 R/W 0 IOA0 0 R/W Note: Bit functions are the same as for 16-bit timer channel 0. TCNT2 H/L—Timer Counter 2 H/L H'FFF7A, 16-bit timer channel 2 H'FFF7B Bit Initial value Read/Write 0 R/W 0 R/W 0 R/W 0 R/W 0 R/W 0 R/W 0 R/W 0 R/W 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 0 R/W 0 R/W 0 R/W 0 R/W 0 R/W 0 R/W 0 R/W 0 R/W Phase counting mode : Other mode : up/down counter up-counter GRA2 H/L—General Register A2 H/L H'FFF7C, 16-bit timer channel 2 H'FFF7D Bit Initial value Read/Write 1 R/W 1 R/W 1 R/W 1 R/W 1 R/W 1 R/W 1 R/W 1 R/W 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 1 R/W 1 R/W 1 R/W 1 R/W 1 R/W 1 R/W 1 R/W 1 R/W Note: Bit functions are the same as for 16-bit timer channel 0. |