| データシートサーチシステム |
|
H8/3028F データシート(PDF) 852 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3028F データシート(HTML) 852 Page - Renesas Technology Corp |
|
852 / 923 page ![]() Rev. 2.00, 09/03, page 822 of 890 SCR—Serial Control Register H'FFFB2 SCI0 Bit Initial value Read/Write 0 R/W 7 TIE 0 R/W 6 RIE 0 R/W 5 TE 0 R/W 4 RE 0 R/W 3 MPIE 0 R/W 2 TEIE 0 R/W 1 CKE1 0 R/W 0 CKE0 Clock enable 1 and 0 (for serial communication interface) Bit 1 CKE1 Bit 0 CKE0 Asynchronous mode Synchronous mode Asynchronous mode Synchronous mode Asynchronous mode Synchronous mode Asynchronous mode Synchronous mode 0 1 0 1 0 1 Description Transmit-end interrupt enable 0 1 Transmit-end interrupt requests (TEI) are disabled Transmit-end interrupt requests (TEI) are enabled Receive interrupt enable 0 1 Receive-data-full (RXI) and receive-error (ERI) interrupt requests are disabled Receive-data-full (RXI) and receive-error (ERI) interrupt requests are enabled Internal clock, SCK pin available for generic I/O Internal clock, SCK pin used for serial clock output Internal clock, SCK pin used for clock output Internal clock, SCK pin used for serial clock output External clock, SCK pin used for clock input External clock, SCK pin used for serial clock input External clock, SCK pin used for clock input External clock, SCK pin used for serial clock input Multiprocessor interrupt enable 0 1 Multiprocessor interrupts are disabled (normal receive operation) Multiprocessor interrupts are enabled Receive enable 0 1 Receiving is disabled Receiving is enabled Transmit enable 0 1 Transmitting is disabled Transmitting is enabled Transmit interrupt enable 0 1 Transmit-data-empty interrupt request (TXI) is disabled Transmit-data-empty interrupt request (TXI) is enabled Clock enable 1 and 0 (for smart card interface) SMR GM Bit 1 CKE1 Bit 0 CKE0 0 0 1 0 1 0 1 0 1 0 1 Description SCK pin available for generic I/O SCK pin used for clock output SCK pin output fixed low SCK pin used for clock output SCK pin output fixed high SCK pin used for clock output |