| データシートサーチシステム |
|
H8/3028F データシート(PDF) 854 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3028F データシート(HTML) 854 Page - Renesas Technology Corp |
|
854 / 923 page ![]() Rev. 2.00, 09/03, page 824 of 890 SSR—Serial Status Register H'FFFB4 SCI0 Bit Initial value Read/Write 1 R/(W)* 1 7 TDRE 0 R/(W)* 1 6 RDRF 0 R/(W)* 1 5 ORER 0 R/(W)* 1 4 FER/ERS 0 R/(W)* 1 3 PER 1 R 2 TEND 0 R 1 MPB 0 R/W 0 MPBT Transmit end (for serial communication interface) 0 Multiprocessor bit transfer 0 1 Multiprocessor bit value in transmit data is 0 Multiprocessor bit value in transmit data is 1 Multiprocessor bit 0 1 Multiprocessor bit value in receive data is 0 Multiprocessor bit value in receive data is 1 [Clearing conditions] • Read TDRE when TDRE = 1, then write 0 in TDRE. • The DMAC writes data in TDR. [Setting conditions] • Reset or transition to standby mode • TE is cleared to 0 in SCR. • TDRE is 1 when last bit of 1-byte serial character is transmitted. Parity error 0 1 [Clearing conditions] • Reset or transition to standby mode • Read PER when PER = 1, then write 0 in PER. [Setting condition] Parity error (parity of receive data does not match parity setting of O/ E bit in SMR) Framing error (for serial communication interface) 0 [Clearing conditions] • Reset or transition to standby mode • Read FER when FER = 1, then write 0 in FER. [Setting condition] Framing error (stop bit is 0) Error signal status (for smart card interface) 0 [Clearing conditions] • Reset or transition to standby mode • Read ERS when ERS = 1, then write 0 in ERS. [Setting condition] A low error signal is received. 1 1 Overrun error 0 [Clearing conditions] • Reset or transition to standby mode • Read ORER when ORER = 1, then write 0 in ORER. [Setting condition] Overrun error (reception of the next serial data ends when RDRF = 1) 1 Receive data register full 0 [Clearing conditions] • Reset or transition to standby mode • Read RDRF when RDRF = 1, then write 0 in RDRF. • The DMAC reads data from RDR. [Setting condition] Serial data is received normally and transferred from RSR to RDR. 1 Transmit data register empty Note: 1. Only 0 can be written, to clear the flag. 0 [Clearing conditions] • Read TDRE when TDRE = 1, then write 0 in TDRE. • The DMAC writes data in TDR. [Setting conditions] • Reset or transition to standby mode • TE is 0 in SCR. • Data is transferred from TDR to TSR, enabling new data to be written in TDR 1 1 Transmit end (for smart card interface) 0 [Clearing conditions] • Read TDRE when TDRE = 1, then write 0 in TDRE. • The DMAC writes data in TDR. [Setting conditions] • Reset or transition to standby mode • TE is cleared to 0 in SCR and FER/ERS is cleared to 0. • TDRE is 1 and FER/ERS is 0 (normal transmission) 2.5 etu* (when GM = 0) or 1.0 etu (when GM = 1) after 1-byte serial character is transmitted. 1 Note: * etu (Elementary time unit: the time for transfer of one bit) |