| データシートサーチシステム |
|
H8/3028F データシート(PDF) 857 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3028F データシート(HTML) 857 Page - Renesas Technology Corp |
|
857 / 923 page ![]() Rev. 2.00, 09/03, page 827 of 890 SSR—Serial Status Register H'FFFBC SCI1 0 R/(W) * 7 TDRE 0 R/(W) * 6 RDRF 0 R/(W) * 5 ORER 0 R/(W) * 4 FER/ERS 0 R/(W) * 3 PER 1 R 2 TEND 0 R 1 MPB 0 R/W 0 MPBT Bit Initial value Read/Write Note: Bit functions are the same as for SCI0. * Only 0 can be written, to clear the flag. RDR—Receive Data Register H'FFFBD SCI1 0 R 7 0 R 6 0 R 5 0 R 4 0 R 3 0 R 2 0 R 1 0 R 0 Bit Initial value Read/Write Note: Bit functions are the same as for SCI0. SCMR—Smart Card Mode Register H'FFFBE SCI1 0 R/W 7 — 0 R/W 6 — 1 — 5 — 0 R/W 4 — 3 SDIR 2 SINV 1 — 1 — 1 — 1 — 1 — 0 SMIF Bit Initial value Read/Write Note: Bit functions are the same as for SCI0. SMR—Serial Mode Register H'FFFC0 SCI2 0 R/W 7 C/ A 0 R/W 6 CHR 0 R/W 5 PE 0 R/W 4 O/ E 0 R/W 3 STOP 0 R/W 2 MP 0 R/W 1 CKS1 0 R/W 0 CKS0 Bit Initial value Read/Write Note: Bit functions are the same as for SCI0. |