| データシートサーチシステム |
|
38C3 データシート(PDF) 49 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
38C3 データシート(HTML) 49 Page - Renesas Technology Corp |
|
49 / 224 page ![]() 38C3 Group User’s Manual HARDWARE 1-34 LCD Display RAM Address 004016 to 004F16 is the designated RAM for the LCD dis- play. When “1” are written to these addresses, the corresponding seg- ments of the LCD display panel are turned on. LCD Drive Timing The LCDCK timing frequency (LCD drive timing) is generated inter- nally and the frame frequency can be determined with the following equation; (frequency of count source for LCDCK) (divider division ratio for LCD) f(LCDCK)= f(LCDCK) duty ratio Frame frequency= Fig. 32 LCD display RAM map FUNCTIONAL DESCRIPTION Bit Address 004616 004716 004816 004916 004A16 004B16 004C16 004D16 004E16 004F16 SEG13 SEG15 SEG17 SEG19 SEG21 SEG23 SEG25 SEG27 SEG29 SEG31 004016 004116 004216 004316 004416 004516 SEG1 SEG3 SEG5 SEG7 SEG9 SEG11 76 5432 10 SEG12 SEG14 SEG16 SEG18 SEG20 SEG22 SEG24 SEG26 SEG28 SEG30 SEG0 SEG2 SEG4 SEG6 SEG8 SEG10 COM3 COM0 COM2 COM1 COM0 COM3 COM2 COM1 |