| データシートサーチシステム |
|
4513 データシート(PDF) 95 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
4513 データシート(HTML) 95 Page - Renesas Technology Corp |
|
95 / 210 page ![]() Parameter Instruction code Function Mnemonic Type of instructions D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 Hexadecimal notation 1-82 HARDWARE 4513/4514 Group User’s Manual MACHINE INSTRUCTIONS MACHINE INSTRUCTIONS (continued) TABSI TSIAB TAJ1 TJ1A SST SNZSI TABAD TALA TADAB TAQ1 TQ1A ADST SNZAD TAQ2 TQ2A NOP POF EPOF SNZP WRST TAMR TMRA TAQ3 TQ3A 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 278 238 242 202 29E 288 279 249 239 244 204 29F 287 245 205 000 002 05B 003 2A 0 252 216 246 206 10 01111 000 10 00111 000 10 01000 010 10 00000 010 10 10011 110 10 10001 000 10 01111 001 10 01001 001 10 00111 001 10 01000 100 10 00000 100 10 10011 111 10 10000 111 10 01000 101 10 00000 101 00 00000 000 00 00000 010 00 01011 011 00 00000 011 10 10100 000 10 01010 010 10 00010 110 10 01000 110 10 00000 110 (A) ← (SI3–SI0) (B) ← (SI7–SI4) (SI3–SI0) ← (A) (SI7–SI4) ← (B) (A) ← (J1) (J1) ← (A) (SIOF) ← 0 Serial I/O starting (SIOF) = 1 ? After skipping (SIOF) ← 0 (A) ← (AD5–AD2) (B) ← (AD9–AD6) However, in the comparator mode, (A) ← (AD3–AD0) (B) ← (AD7–AD4) (A) ← (AD1, AD0, 0, 0) (AD3–AD0) ← (A) (AD7–AD4) ← (B) (A) ← (Q1) (Q1) ← (A) (ADF) ← 0 A-D conversion starting (ADF) = 1 ? After skipping (ADF) ← 0 (A) ← (Q2) (Q2) ← (A) (PC) ← (PC) + 1 RAM back-up POF instruction valid (P) = 1 ? (WDF1) ← 0 (WEF) ← 1 (A) ← (MR) (MR) ← (A) (A) ← (Q3) (Q33, Q32) ← (A3, A2) (Q31) ← (CMP1 comparison result) (Q30) ← (CMP0 comparison result) |