| データシートサーチシステム |
|
4513 データシート(PDF) 203 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
4513 データシート(HTML) 203 Page - Renesas Technology Corp |
|
203 / 210 page ![]() 3-36 APPENDIX 4513/4514 Group User’s Manual 3.6 Mark specification form 3.6 Mark specification form 32P4B (32-PIN SHRINK DIP) MARK SPECIFICATION FORM Mitsubishi IC catalog name Please choose one of the marking types below (A, B, C), and enter the Mitsubishi IC catalog name and the special mark (if needed). A. Standard Mitsubishi Mark Note1 : If the Special Mark is to be Printed, indicate the desired layout of the mark in the upper figure. The layout will be duplicated as close as possible. Mitsubishi lot number (6-digit or 7-digit) and Mask ROM number (3-digit) are always marked. 2 : If the customer’s trade mark logo must be used in the Special Mark, check the box on the right. Please submit a clean original of the logo. For the new special character fonts a clean font original (ideally logo drawing) must be submitted. 3 : The standard Mitsubishi font is used for all characters except for a logo. Special logo required Mitsubishi IC catalog name C. Special Mark Required B. Customer’s Parts Number + Mitsubishi catalog name Customer’s Parts Number Note : The fonts and size of characters are standard Mitsubishi type. Mitsubishi IC catalog name Note1 : The mark field should be written right aligned. 2 : The fonts and size of characters are standard Mitsubishi type. 3 : Customer’s Parts Number can be up to 16 characters : Only 0 ~ 9, A ~ Z, +, –, /, (, ), &, ©, . (periods), and , (commas) are usable. 4 : If the Mitsubishi logo is not required, check the box on the right. Mitsubishi logo is not required 32 17 16 1 Mitsubishi lot number (6-digit or 7-digit) 32 17 16 1 32 17 16 1 Mitsubishi lot number (6-digit or 7-digit) |