データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

7477 データシート(PDF) 15 Page - Renesas Technology Corp

部品番号 7477
部品情報  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7477 データシート(HTML) 15 Page - Renesas Technology Corp

Back Button 7477 Datasheet HTML 11Page - Renesas Technology Corp 7477 Datasheet HTML 12Page - Renesas Technology Corp 7477 Datasheet HTML 13Page - Renesas Technology Corp 7477 Datasheet HTML 14Page - Renesas Technology Corp 7477 Datasheet HTML 15Page - Renesas Technology Corp 7477 Datasheet HTML 16Page - Renesas Technology Corp 7477 Datasheet HTML 17Page - Renesas Technology Corp 7477 Datasheet HTML 18Page - Renesas Technology Corp 7477 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 354 page
background image
List of figures
7470/7471/7477/7478 GROUP USER’S MANUAL
iv
Fig. 1.20.14 IOH-VOH characteristics of programmable I/O port (CMOS output) P-channel
side (7477/7478 group) ......................................................................................... 1-210
Fig. 1.20.15 IOL-VOL characteristics of programmable I/O port (CMOS) N-channel side
(7477/7478 group) .................................................................................................. 1-210
Fig. 1.20.16 IIL-VIL characteristics of programmable I/O port (CMOS output) pull-up
transistor (7477/7478 group) ................................................................................ 1-211
Fig. 1.20.17 A-D conversion standard characteristics, relative precision error (1) ........... 1-212
Fig. 1.20.18 A-D conversion standard characteristics, relative precision error (2) ........... 1-213
Fig. 1.20.19 A-D conversion standard characteristics, absolute precision error (1) ......... 1-214
Fig. 1.20.20 A-D conversion standard characteristics, absolute precision error (2) ......... 1-215
Fig. 1.20.21 A-D conversion standard characteristics, absolute precision error (3) ......... 1-216
Fig. 1.20.22 A-D conversion standard characteristics, absolute precision error (4) ......... 1-217
Fig. 1.20.23 A-D conversion standard characteristics, absolute precision error (5) ......... 1-218
CHAPTER 2. APPLICATION
Fig. 2.1.1 Example of port direction register setting ................................................................... 2-3
Fig. 2.1.2 Example of external circuit design for I/O port ........................................................ 2-6
Fig. 2.2.1 Memory map of interrupt related registers ................................................................ 2-7
Fig. 2.2.2 Structure of Processor status register ........................................................................ 2-8
Fig. 2.3.1 Memory map of timer related registers .................................................................... 2-10
Fig. 2.3.2 Example of control procedure [Clock function] ....................................................... 2-13
Fig. 2.3.3 Example of measurement method of frequency ..................................................... 2-14
Fig. 2.3.4 Example of control procedure [Frequency measurement] ..................................... 2-15
Fig. 2.3.5 Example of a peripheral circuit [Pulse output mode] ............................................. 2-16
Fig. 2.3.6 Connection of timer and setting of division ratio ................................................... 2-16
Fig. 2.3.7 Example of control procedure [Piezoelectric buzzer output] ................................. 2-17
Fig. 2.3.8 Example of peripheral circuit [Pulse width measurement mode] ......................... 2-18
Fig. 2.3.9 Example of control procedure [Pulse width measurement mode] ........................ 2-19
Fig. 2.3.10 Example of peripheral circuit [PWM mode] ........................................................... 2-20
Fig. 2.3.11 Example of control procedure [PWM mode] ......................................................... 2-21
Fig. 2.3.12 Timing at which timer value and read value change in the case where two
timers are connected in series .................................................................................2-22
Fig. 2.4.1 Memory map of serial I/O related registers of 7470/7471 group ......................... 2-23
Fig. 2.4.2 Example of connections [Clock synchronous serial I/O mode, 7470/7471
group] ............................................................................................................................ 2-24
Fig. 2.4.3 Example of control procedure [Clock synchronous serial I/O mode, 7470/7471
group] ............................................................................................................................ 2-25
Fig. 2.4.4 Example of connections [Byte specification mode, 7470/7471 group] ................ 2-26
Fig. 2.4.5 Example of control procedure (1) [Byte specification mode, 7470/7471 group] 2-27
Fig. 2.4.6 Example of control procedure (2) [Byte specification mode, 7470/7471 group] 2-28
Fig. 2.4.7 Memory map of serial I/O related registers in 7477/7478 group ......................... 2-29
Fig. 2.4.8 Example of connections [Clock synchronous serial I/O mode, 7477/7478
group] ............................................................................................................................. 2-30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More