| データシートサーチシステム |
|
TAS3218IPZPR データシート(PDF) 24 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TAS3218IPZPR データシート(HTML) 24 Page - Texas Instruments |
|
24 / 79 page ![]() Reset State DAP -> Idle uP -> Initialization I2C BUS -> HIGH uP Flushs Internal RAM uP -> Cmd to Flush Delay Memory uP Flushs External RAM uP Flushs DAP Coef/Data RAM uP Sets default H/W configuration Enable DAP Processing start RAM Flushed RESET = False RESET = True RAM Flushed Delay Memory Flush command issued Variables initialized RAM Flushed RAM Flushed Default Values Loaded Enable I2C Master mode Setup I2C Master I /F Initialize DPLL PLL Locked and Stable Successful Load Zero length data header has been read 3 Reads tried OR SCL, SDA = LOW for 1ms detected Start-up Oscillator Any State uP initialize its variables uP Flushs DAP Instruction RAM uP Flushs uP Instruction RAM RAM Flushed EEPROM Load Process Disable I 2C Master mode Switch ROM to RAM IDLE uP Start App uP Code Check GPIO 1 Loaddefault DAP Program andcoefficient GPIO 1 = Low GPIO 1 output Low Loaded Setup I2C Slave I/F GPIO1 = High Main IDLE loop Test Processing Routine Test command received I2C Slave download process Slave download command received Successful Load Zero length data header has been received TAS3218 SLES235 – JULY 2008 ....................................................................................................................................................................................................... www.ti.com Figure 17. Boot-Up Sequence Detailed information about the boot-up sequence is described in Table 4. 24 Submit Documentation Feedback Copyright © 2008, Texas Instruments Incorporated Product Folder Link(s): TAS3218 |