| データシートサーチシステム |
|
M38K02FDFP データシート(PDF) 33 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M38K02FDFP データシート(HTML) 33 Page - Renesas Technology Corp |
|
33 / 328 page ![]() FUNCTIONAL DESCRIPTION Rev.2.00 Oct 05, 2006 page 16 of 112 38K0 Group REJ09B0337-0200 HARDWARE Fig. 12 Structure of port I/O-related registers P00 pull-up control bit 0 : No pull-up 1 : Pull-up P01 pull-up control bit 0 : No pull-up 1 : Pull-up P02 pull-up control bit 0 : No pull-up 1 : Pull-up P03 pull-up control bit 0 : No pull-up 1 : Pull-up P04 pull-up control bit 0 : No pull-up 1 : Pull-up P05 pull-up control bit 0 : No pull-up 1 : Pull-up P06 pull-up control bit 0 : No pull-up 1 : Pull-up P07 pull-up control bit 0 : No pull-up 1 : Pull-up Port P0 pull-up control register (PULL0 : address 0FF016) b7 b0 P50 pull-up control bit 0 : No pull-up 1 : Pull-up Nothing is arranged for this bit. This is a write disabled bit. When this bit is read out, the contents are “0”. P52 pull-up control bit 0 : No pull-up 1 : Pull-up Nothing is arranged for these bits. These are write disabled bits. When these bits are read out, the contents are “0”. Port P5 pull-up control register (PULL5 : address 0FF216) b7 b0 |